전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCHRACK RE/REL 데이터시트(PDF) 13 Page - TE Connectivity Ltd

부품명 SCHRACK RE/REL
상세설명  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCHRACK RE/REL 데이터시트(HTML) 13 Page - TE Connectivity Ltd

Back Button SCHRACK RE/REL Datasheet HTML 9Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 10Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 11Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 12Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 13Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 14Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 15Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 16Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
PAGE 13
Power PCB Relays up to 50A+
Relays, Contactors & Circuit Breakers
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
Key Features
Applications
DC charging, Solar inverter, Energy store station
BMS, Electrical forklift, AGV, Rail transit
Circuit protection and Safety in Industrial Machinery
Industrial controls
Lighting
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended contact load
1 form X
450VDC / 750VDC
50A/100A/150A/200A/250A/350A
Visit
TE.com for more information
1 form A (1 NO)
1 form C (1 CO)
1 form X (NO-DM)
2 form A (2 NO)
2 form C (2 CO)
600VAC, 28/125VDC
50A
12000VA
Ag, AgCdO
1A at 12VDC/VAC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
12VDC, 24VDC or PWM
Visit
TE.com for more information
DC, AC
6 to 110VDC/6 to 480VAC
2W/9.8VA
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
2000Vrms
Visit
TE.com for more information
2000Vrms
2000Vrms
2000Vrms
>8mm
Other Data
Ambient temperature (max.)
Category of environmental protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+85°C
RTV
Screw
Panel mount
Visit
TE.com for more information
DC +80°C
AC +45°C
RT 0/open
Screw/Quick connect
Panel mount
85.7X63.8X63.5mm
Accessories
Dust cover
Link to datasheet
Potter & Brumfield PRD
IHV
Hermetically sealed - intrinsically safe
Designed accordance to AIAG QS9000
No position sensitive
RoHS compliance
Potter & Brumfield PRD
Contact ratings to 50A
Magnetic blowout available for
switching DC loads
SPDT auxiliary switch available
Class B insulation system
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com