전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCHRACK RE/REL 데이터시트(PDF) 21 Page - TE Connectivity Ltd

부품명 SCHRACK RE/REL
상세설명  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SCHRACK RE/REL 데이터시트(HTML) 21 Page - TE Connectivity Ltd

Back Button SCHRACK RE/REL Datasheet HTML 17Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 18Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 19Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 20Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 21Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 22Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 23Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 24Page - TE Connectivity Ltd SCHRACK RE/REL Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
PAGE 21
PAGE 21
Panel Plug-In Relays
Relays, Contactors & Circuit Breakers
Key Features
Applications
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Min. recommended contact load
1 form C (1 CO)
2 form C (2 CO)
3 form C (3 CO)
4 form C (4 CO)
240/250VAC
6 to 16A
1 form C (1 CO)
2 form C (2 CO)
3 form C (3 CO)
4 form C (4 CO)
240/250VAC
6 to 16A
1500 to 4000VA
1) see footnote below
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, AC
6 to 220VDC/6 to 230VAC
170 to 700mW/0.4 to 1VA
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
Other Data
Ambient temperature (max.)
Category of environmental protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
IP20
Screw, screwless, plate mount, PCB
Screw, screwless
Accessories
PCB, panel mount and DIN rail
DIN, panel mount
Link to datasheet
ACCESSORIES SLIM INTERFACE RELAY SNR
ACCESSORIES INDUSTRIAL POWER RELAY RT
ACCESSORIES MINIATURE RELAY PT
ACCESSORIES INTERFACE PLUG-IN RELAY XT
RELAY PACKAGE RT
RELAY PACKAGE PT
RELAY PACKAGE SNR
ACCESSORIES MULTIMODE RELAY MT
ACCESSORIES
DIN rail and PCB sockets
Screw and screwless fingersafe terminals
Retaining and ejection clips
Marking tags, jumper bars, jumper links
LED and protection modules
SETS
Relay package consisting of relay, DIN rail
socket, plastic retaining clip, marking tag
and module
Key Features
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com