전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM53C96KCW 데이터시트(PDF) 44 Page - Advanced Micro Devices

부품명 AM53C96KCW
상세설명  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KCW 데이터시트(HTML) 44 Page - Advanced Micro Devices

Back Button AM53C96KCW Datasheet HTML 40Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 41Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 42Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 43Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 44Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 45Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 46Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 47Page - Advanced Micro Devices AM53C96KCW Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
P R E L I M I N A R Y
AMD
44
Am53C94/Am53C96
6tS
INT
to
RD
Set Up Time
0
ns
7tPD
RD
to
INT
Delay
0
100
ns
8tPWL
RD Pulse Width Low
50
ns
9tPD
RD
to
INT
Delay
tL – tPD
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
INT
RD
Interrupt Output
68
9
7
16505C-38
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63