| 전자부품 데이터시트 검색엔진 |
|
AM53C96KCW 데이터시트(PDF) 54 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM53C96KCW 데이터시트(HTML) 54 Page - Advanced Micro Devices |
|
54 / 63 page ![]() P R E L I M I N A R Y AMD 54 Am53C94/Am53C96 Parameter No. Symbol Parameter Description Test Conditions Min Max Unit 132 tPD REQ to ACKC Delay 43 ns 133 tPD REQ to ACKC Delay 47 ns 128 tS Data to ACKC Set Up Time 55 ns 129 tPD REQ to Data Delay 80 ns 130 tPD REQ to ACKC Delay 46 ns 131 tPD REQ to ACKC Delay 55 ns Parameter No. Symbol Parameter Description Test Conditions Min Max Unit REQ ACKC Asynchronous Initiator Receive SDC 7–0 SDCP Asynchronous Initiator Send 129 132 133 REQ ACKC 128 130 131 16505C-47 16505C-48 Note: There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B). |