전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12LF1552 데이터시트(PDF) 13 Page - Microchip Technology

부품명 PIC12LF1552
상세설명  28/40/44-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1552 데이터시트(HTML) 13 Page - Microchip Technology

Back Button PIC12LF1552 Datasheet HTML 9Page - Microchip Technology PIC12LF1552 Datasheet HTML 10Page - Microchip Technology PIC12LF1552 Datasheet HTML 11Page - Microchip Technology PIC12LF1552 Datasheet HTML 12Page - Microchip Technology PIC12LF1552 Datasheet HTML 13Page - Microchip Technology PIC12LF1552 Datasheet HTML 14Page - Microchip Technology PIC12LF1552 Datasheet HTML 15Page - Microchip Technology PIC12LF1552 Datasheet HTML 16Page - Microchip Technology PIC12LF1552 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 356 page
background image
 2015-2016 Microchip Technology Inc.
Preliminary
DS40001817B-page 13
PIC16LF1566/1567
TABLE 1-2:
PIC16LF1566 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN20/PWM10/SS1(1)
RA0
TTL
CMOS
General Purpose I/O.
AN20
AN
—
ADC Channel Input for ADC2.
PWM10
—
CMOS
PWM Output for PWM1.
SS1
ST
—
Slave Select Input for MSSP1.
RA1/AN10/PWM11/SS2
RA1
TTL
CMOS
General Purpose I/O.
AN10
AN
—
ADC Channel Input for ADC1.
PWM11
—
CMOS
PWM Output for PWM1.
SS2
ST
—
Slave Select Input for MSSP2.
RA2/AN0/PWM12
RA2
TTL
CMOS
General Purpose I/O.
AN0
AN
—
ADC Channel Input for both ADC1 and
ADC2.
PWM12
—
CMOS
PWM Output for PWM1.
VREF-
AN
—
ADC Negative Voltage Reference Input
RA3/AN1/ VREF+/PWM13
RA3
TTL
CMOS
General Purpose I/O.
AN1
AN
—
ADC Channel Input for both ADC1 and
ADC2.
VREF+
AN
—
ADC Positive Voltage Reference Input.
PWM13
—
CMOS
PWM Output for PWM1.
RA4/AN2/T0CKI
RA4
TTL
CMOS
General Purpose I/O.
AN2
AN
—
ADC Channel Input for both ADC1 and
ADC2.
T0CKI
ST
—
Timer0 Clock Input.
RA5/AN21/SS1(1)
RA5
TTL
CMOS
General Purpose I/O.
AN21
AN
—
ADC Channel Input for ADC2.
SS1
ST
—
Slave Select Input for MSSP1.
RA6/AN22/ADTRIG/CLKOUT
RA6
TTL
CMOS
General Purpose I/O.
AN22
AN
—
ADC Channel Input for ADC2.
ADTRIG
ST
—
ADC Conversion Trigger Input.
CLKOUT
—
CMOS
FOSC/4 Output.
RA7/AN11/CLKIN
RA7
TTL
CMOS
General Purpose I/O.
AN11
AN
—
ADC Channel Input for ADC1.
CLKIN
CMOS
—
External Clock Input (EC mode).
RB0/AN16/PWM20/INT
RB0
TTL
CMOS
General Purpose I/O with IOC and WPU.
AN16
AN
—
ADC Channel Input for ADC1.
PWM20
—
CMOS
PWM Output for PWM2.
INT
ST
—
External Interrupt.
RB1/AN27/PWM21
RB1
TTL
CMOS
General Purpose I/O with IOC and WPU.
AN27
AN
—
ADC Channel Input for ADC2.
PWM21
—
CMOS
PWM Output for PWM2.
RB2/AN17/PWM22
RB2
TTL
CMOS
General Purpose I/O with IOC and WPU.
AN17
AN
—
ADC Channel Input for ADC1.
PWM22
—
CMOS
PWM Output for PWM2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More