전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F2X 데이터시트(PDF) 8 Page - Microchip Technology

부품명 PIC18F2X
상세설명  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X 데이터시트(HTML) 8 Page - Microchip Technology

Back Button PIC18F2X Datasheet HTML 4Page - Microchip Technology PIC18F2X Datasheet HTML 5Page - Microchip Technology PIC18F2X Datasheet HTML 6Page - Microchip Technology PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology PIC18F2X Datasheet HTML 10Page - Microchip Technology PIC18F2X Datasheet HTML 11Page - Microchip Technology PIC18F2X Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PIN ALLOCATION TABLES
TABLE 3:
28-PIN ALLOCATION TABLE (PIC18(L)F2XK40)
I/O(2)
RA0
2
27
AN0
—
C1IN0-
C2IN0-
—
—
—
—
IOCA0
—
—
—
—
Y
—
RA1
3
28
AN1
—
C1IN1-
C2IN1-
—
—
—
—
IOCA1
—
—
—
—
Y
—
RA2
4
1
AN2
DAC1OUT1
VREF- (DAC5)
VREF- (ADC)
C1IN0+
C2IN0+
—
—
—
—
IOCA2
—
—
—
—
Y
—
RA3
5
2
ANA3
VREF+ (DAC5)
VREF+ (ADC)
C1IN1+
—
—
—
—
IOCA3
—
MDCIN1(1)
—
—
Y
—
RA4
6
3
—
—
—
T0CKI(1)
—
—
—
IOCA4
—
MDCIN2(1)
—
—
Y
—
RA5
7
4
AN4
—
—
—
—
—
—
IOCA5
—
MDMIN(1)
SSP1SS(1)
LVDIN
Y
—
RA6
10
7
—
—
—
—
—
—
—
IOCA6
—
—
—
—
Y
CLKOUT
OSC2
RA7
9
6
—
—
—
—
—
—
—
IOCA7
—
—
—
—
Y
OSC1
ECIN
RB0
21
18
AN12
—
C2IN1+
—
—
CWG1(1)
ZCD
IOCB0
INT0(1)
—
—
—
—
Y
—
RB1
22
19
AN10
—
C1IN3-
C2IN3-
—
—
—
—
IOCB1
INT1(1)
—
—
—
—
Y
—
RB2
23
20
AN8
—
—
—
—
—
—
IOCB2
INT2(1)
—
—
—
—
Y
—
RB3
24
21
AN9
—
C1IN2-
C2IN2-
—
—
—
—
IOCB3
—
—
—
—
Y
—
RB4
25
22
AN11
—
—
T5G(1)
—
—
—
IOCB4
—
—
—
—
Y
—
RB5
26
23
AN13
—
—
T1G(1)
—
—
—
IOCB5
—
—
—
—
Y
—
RB6
27
24
—
—
—
—
—
—
—
IOCB6
—
—
—
—
Y
ICSPCLK
RB7
28
25
—
DAC1OUT2
—
T6AIN(1)
—
—
—
IOCB7
—
—
—
—
Y
ICSPDAT
RC0
11
8
—
—
—
T1CKI(1)
T3CKI(1)
T3G(1)
—
—
—
IOCC0
—
—
—
—
Y
SOSCO
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a peripheral digital output with the PPS output selection registers.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17