| 전자부품 데이터시트 검색엔진 |
|
PIC18F2X 데이터시트(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2X 데이터시트(HTML) 13 Page - Microchip Technology |
|
13 / 17 page ![]() RC1 29 — — — — — RX4(1) DT4(3) — T6IN(1) — — — — IOCC1 SOSCI RC2 33 — — — — — — — — — — CWG1IN(1) — IOCC2 — RC3 34 — — — — SCL1(3,4) SCK1(1) — — — — — — — IOCC3 — RC4 35 — — — — SDA1(3,4) SDI1(1) — — — — — — — IOCC4 — RC5 36 — — — — — — — — — — — — IOCC5 — RC6 31 — — — — — CK1(3) — — — — — — IOCC6 — RC7 32 — — — — — RX1(1) DT1(3) — — — — — — IOCC7 — RD0 58 AND0 — — — — — — — — — — — — — RD1 55 AND1 — — — — — — T5CKI(1) T7G(1) —— — — — — RD2 54 AND2 — — — — — — — — — — — — — RD3 53 AND3 — — — — — MDCARL(1) —— — — — — — RD4 52 AND4 — — — — — MDCARH(1) — — — — — — — RD5 51 AND5 — — — SDA2(3,4) SDI2(1) — MDSRC(1) —— — — — — — RD6 50 AND6 — — — SCL2(3,4) SCK2(1) — — — — — — — — — RD7 49 AND7 — — — SS2(1) —— — — — — — — — RE0 2 ANE0 — — — — CK3(3) — — — — — — IOCE0 — RE1 1 ANE1 — — — — RX3(1) DT3(3) —— — — — — IOCE1 — RE2 64 ANE2 — — — — CK5(3) — — — — — — IOCE2 — RE3 63 ANE3 — — — — RX5(1) DT5(3) —— — — — — IOCE3 — RE4 62 ANE4 — — — — — — T4IN(1) — CCP5(1) — — IOCE4 — RE5 61 ANE5 — — — — — — — — CCP4(1) —— IOCE5 — TABLE 5: 64-PIN ALLOCATION TABLE PIC18(L)F6XK40 (CONTINUED) Note 1: This is a PPS remappable signal. The input function may be removed from the default location shown to one of several other PORTx pins. Details about this can be found in the data sheet. 2: All output signals shown in this row are PPS remappable. These signals may be mapped to output onto one of several POTRTx pin options. Details about this can be found in the data sheet. 3: This is a bidirectional signal. For normal module operation, the firmware should map this signal to the same pin in both the PPS input and PPS output registers. 4: These pins are configured for I2C logic levels; The SCLx/SDAx signals may be assigned to any of these pins. PPS assignments to the other pins (e.g., RA5) will operate, but input logic levels will be standard TTL/ST as selected b the INLVL register, instead of the I2C specific input buffer thresholds. |