| 전자부품 데이터시트 검색엔진 |
|
STR910FAW44X6T 데이터시트(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAW44X6T 데이터시트(HTML) 58 Page - STMicroelectronics |
|
58 / 99 page ![]() Electrical characteristics STR91xFAx32 STR91xFAx42 STR91xFAx44 58/99 Figure 11. Pin input voltage 7.2 Absolute maximum ratings This product contains devices to protect the inputs against damage due to high static voltages. However, it is advisable to take normal precautions to avoid application of any voltage higher than the specified maximum rated voltages. It is also recommended to ground any unused input pin to reduce power consumption and minimize noise. Note: Stresses exceeding above listed recommended "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. During overload conditions (VIN>VDDQ or VIN<VSSQ) the voltage on pins with respect to ground (VSSQ) must not exceed the recommended values. VIN STR9 PIN Table 10. Absolute maximum ratings Symbol Parameter Value Unit Min Max VDD Voltage on VDD pin with respect to ground VSS -0.3 2.4 V VDDQ Voltage on VDDQ pin with respect to ground VSS -0.3 4.0 V VBATT Voltage on VBATT pin with respect to ground VSS -0.3 4.0 V AVDD Voltage on AVDD pin with respect to ground VSS (128-pin and 144-ball packages) -0.3 4.0 V AVREF Voltage on AVREF pin with respect to ground VSS (128-pin and 144-ball packages) -0.3 4.0 V AVREF_AVDD Voltage on AVREF_AVDD pin with respect to Ground VSS (80-pin package) -0.3 4.0 V VIN Voltage on 5V tolerant pins with respect to ground VSS -0.3 5.5 V Voltage on any other pin with respect to ground VSS -0.3 4.0 V TST Storage Temperature -55 +150 °C TJ Junction Temperature +125 °C ESD ESD Susceptibility (Human Body Model) 2000 V |