| 전자부품 데이터시트 검색엔진 |
|
STR910FAW44X6T 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAW44X6T 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 99 page ![]() Pin description STR91xFAx32 STR91xFAx42 STR91xFAx44 50/99 - 74 J10 EMI_ALE O EMI address latch enable (mux mode) N/A -75 J9 EMI_RDn O EMI read strobe N/A -- H8 EMI_BAA n O EMI Burst address advance N/A -- K8 EMI_WAI Tn I EMI Wait input for burst mode device N/A -- M8 EMI_BCL K O EMI bus clock N/A -- A12 EMI_WE n O EMI write enable N/A -91 E10 TAMPER _IN I Tamper detection input N/A -94 D11 MII_MDI O I/O MAC/PHY management data line N/A 59 95 D10 USBDN I/O USB data (-) bus connect N/A 60 96 C11 USBDP I/O USB data (+) bus connect N/A 56 89 C12 RESET _INn I External reset input N/A 62 100 A9 RESET _OUTn O Global or System reset output N/A 65 104 A10 X1_CPU I CPU oscillator or crystal input N/A 64 103 A11 X2_CPU O CPU crystal connection N/A 27 42 M5 X1_RTC I RTC oscillator or crystal input (32.768 kHz) N/A 26 41 M4 X2_RTC O RTC crystal connection N/A 61 97 B11 JRTCK O JTAG return clock or RTC clock N/A 67 107 D8 JTRSTn I JTAG TAP controller reset N/A 68 108 E8 JTCK I JTAG clock N/A 69 111 A6 JTMS I JTAG mode select N/A 72 115 C6 JTDI I JTAG data in N/A 73 117 B6 JTDO O JTAG data out N/A Table 9. Device pin description (continued) Pkg Pin Name Default Pin Function Default Input Function Alternate functions Alternate Input 1 Alternate Output 1 Alternate Output 2 Alternate Output 3 |