전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT16374QDLREP 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74ACT16374QDLREP
상세설명  16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT16374QDLREP 데이터시트(HTML) 3 Page - Texas Instruments

  SN74ACT16374QDLREP Datasheet HTML 1Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 2Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 3Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 4Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 5Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 6Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 7Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 8Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74ACT16374Q-EP
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS679B – MAY 2002 – REVISED JULY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage (see Note 4)
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–16
mA
IOL
Low-level output current
16
mA
Dt/Dv
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
–40
125
°C
NOTES:
3. All unused inputs of the device must be at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4. All VCC and GND pins must be connected to the proper-voltage power supply.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = 50 mA
4.5 V
4.4
4.4
IOH = –50 mA
5.5 V
5.4
5.4
VOH
IOH = 16 mA
4.5 V
3.94
3.7
V
OH
IOH = –16 mA
5.5 V
4.94
4.7
IOH = –24 mA{
5.5 V
3.85
IOL =50 mA
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL =16mA
4.5 V
0.36
0.5
V
OL
IOL = 16 mA
5.5 V
0.36
0.5
IOL = 24 mA{
5.5 V
0.5
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
IOZ
VO = VCC or GND
5.5 V
±0.5
±10
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
mA
DICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
4.5
pF
Co
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL-voltage levels rather than 0 V to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com