전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT16374QDLREP 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SN74ACT16374QDLREP
상세설명  16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ACT16374QDLREP 데이터시트(HTML) 4 Page - Texas Instruments

  SN74ACT16374QDLREP Datasheet HTML 1Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 2Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 3Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 4Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 5Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 6Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 7Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 8Page - Texas Instruments SN74ACT16374QDLREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74ACT16374Q-EP
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS679B – MAY 2002 – REVISED JULY 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
65
0
65
MHz
t
Pulse duration
CLK low
7.5
7.5
ns
tw
Pulse duration
CLK high
4.5
4.5
ns
tsu
Setup time, data before CLK
↑
6.5
6.5
ns
th
Hold time, data after CLK
↑
1
1
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
65
65
MHz
tPLH
CLK
Q
5.1
8.8
10.9
5.1
13.2
ns
tPHL
CLK
Q
5.3
8.8
10.9
5.3
13.1
ns
tPZH
OE
Q
3.7
8.4
10.5
3.7
12.7
ns
tPZL
OE
Q
4.4
9.7
11.9
4.4
14.3
ns
tPHZ
OE
Q
5.4
7.9
9.8
5.4
10.9
ns
tPLZ
OE
Q
4.9
7.2
9.1
4.9
10.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per flip flop
Outputs enabled
CL =50 pF
f=1MHz
52
pF
Cpd
Power dissipation capacitance per flip-flop
Outputs disabled
CL = 50 pF,
f = 1 MHz
38
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com