| 전자부품 데이터시트 검색엔진 |
|
PCA8574ATS 데이터시트(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8574ATS 데이터시트(HTML) 22 Page - NXP Semiconductors |
|
22 / 27 page ![]() PCA8574_PCA8574A_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 14 May 2007 22 of 27 NXP Semiconductors PCA8574/74A Remote 8-bit I/O expander for I2C-bus with interrupt packages and/or boards are not damaged. The peak temperature of the package depends on package thickness and volume and is classified in accordance with Table 9 and 10 Moisture sensitivity precautions, as indicated on the packing, must be respected at all times. Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 22. For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. Table 9. SnPb eutectic process (from J-STD-020C) Package thickness (mm) Package reflow temperature ( °C) Volume (mm3) < 350 ≥ 350 < 2.5 235 220 ≥ 2.5 220 220 Table 10. Lead-free process (from J-STD-020C) Package thickness (mm) Package reflow temperature ( °C) Volume (mm3) < 350 350 to 2000 > 2000 < 1.6 260 260 260 1.6 to 2.5 260 250 245 > 2.5 250 245 245 MSL: Moisture Sensitivity Level Fig 22. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature |