| 전자부품 데이터시트 검색엔진 |
|
STM32H523CEU6 데이터시트(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H523CEU6 데이터시트(HTML) 99 Page - STMicroelectronics |
|
99 / 228 page ![]() DS14540 Rev 1 99/228 STM32H523xx Electrical characteristics 197 6. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Table 18). Table 20. Maximum allowed clock frequencies Symbol(1)(2) 1. Specified by design - Not tested in production. 2. The maximum kernel clock frequencies can be limited by the maximum peripheral clock frequency (refer to each peripheral electrical characteristics). Parameter VOS0 VOS1 VOS2 VOS3 Unit fCPU CPU 250 200 150 100 MHz fHCLK AHB 250 200 150 100 fPCLK APB 250 200 150 100 - FMC 250 200 150 100 foctospi_ker_ck OCTOSPI[1:2] 250 200 150 100 fsdmmc_ker_ck SDMMC[1:2] 250 200 150 100 -HDMI_CEC 4 4 4 4 ffdcan_ker_ck FDCAN 250 200 150 100 fI2C_ker_ck I2C[1:4] 250 200 150 100 fI3C_ker_ck I3C 250 200 150 100 flptim_ker_ck LPTIM[1:2] 250 200 150 100 ftim_ker_ck TIM[1:8], TIM12, TIM15 250 200 150 100 frng_clk RNG 5050 5050 fspi_ker_ck SPI(I2S)1,2,3 125 100 75 50 SPI4 125 100 75 50 flpuart_ker_ck LPUART1 250 200 150 100 fusart_ker_ck USART/UART 250 200 150 100 fusb_ker_ck USB FS 50 50 50 50 fadc_ker_ck ADC/DAC 125 100 75 50 fdac_pclk DAC 250 200 150 100 fusb_ker_ck USBPD 64 64 64 64 frtc_ker_ck RTC 1 1 1 1 - DCMI 250 200 150 100 |