전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN260 데이터시트(PDF) 71 Page - STMicroelectronics

부품명 SN260
상세설명  ZigBee® 802.15.4 network processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN260 데이터시트(HTML) 71 Page - STMicroelectronics

Back Button SN260 Datasheet HTML 67Page - STMicroelectronics SN260 Datasheet HTML 68Page - STMicroelectronics SN260 Datasheet HTML 69Page - STMicroelectronics SN260 Datasheet HTML 70Page - STMicroelectronics SN260 Datasheet HTML 71Page - STMicroelectronics SN260 Datasheet HTML 72Page - STMicroelectronics SN260 Datasheet HTML 73Page - STMicroelectronics SN260 Datasheet HTML 74Page - STMicroelectronics SN260 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
SN260
EmberZNet serial protocol
71/88
EmberApsFrame apsFrame
Value supplied by incoming datagram.
int8u datagramReplyTag
Value supplied by incoming datagram.
int8u messageLength
The length of the messageContents parameter in bytes.
int8u[] messageContents
The reply message.
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 106.
sendReply (continued)
Table 107.
openConnection
Name: openConnection
ID: 0x3A
Description: Opens a sequenced connection to a node.
Command parameters:
int8u bindingTableIndex
The index of the binding table entry to which a connection will be opened.
Response parameters:
EmberStatus status
An EmberStatus value indicating success or the reason for failure.
Table 108.
connectionStatus
Name: connectionStatus
ID: 0x3B
Description: Returns the connection status of a binding table entry.
Command parameters:
int8u bindingTableIndex
The index of the binding table entry whose status is being queried.
Response parameters:
EmberStatus status
An EmberStatus value:
EMBER_CONNECTION_CLOSED: The connection is closed.
EMBER_CONNECTION_NOT_YET_OPEN: The connection is in the
process of being established.
EMBER_CONNECTION_OPEN: The connection is currently established.
EMBER_CONNECTION_CLOSING: The connection is in the process of
being closed.
Table 109.
connectionStatusHandler
Name: connectionStatusHandler
ID: 0x3C
Description: A callback indicating the status of a connection has changed.
This frame is a response to the callback command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88