| 전자부품 데이터시트 검색엔진 |
|
STM32F427AIH7XXX 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AIH7XXX 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 231 page ![]() DocID024030 Rev 6 57/231 STM32F427xx STM32F429xx Pinouts and pin description 83 35 46 N4 R5 56 N8 61 R5 PB0 I/O FT (5) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, LCD_R3, OTG_HS_ULPI_D1, ETH_MII_RXD2, EVENTOUT ADC12_ IN8 36 47 K5 R4 57 K7 62 R4 PB1 I/O FT (5) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, LCD_R6, OTG_HS_ULPI_D2, ETH_MII_RXD3, EVENTOUT ADC12_ IN9 37 48 L5 M6 58 L7 63 M5 PB2-BOOT1 (PB2) I/O FT EVENTOUT - - - - - - 64 G4 PI15 I/O FT LCD_R0, EVENTOUT - - - - - - 65 R6 PJ0 I/O FT LCD_R1, EVENTOUT - - - - - - 66 R7 PJ1 I/O FT LCD_R2, EVENTOUT - - - - - - 67 P7 PJ2 I/O FT LCD_R3, EVENTOUT - - - - - - 68 N8 PJ3 I/O FT LCD_R4, EVENTOUT - - - - - - 69 M9 PJ4 I/O FT LCD_R5, EVENTOUT - 49 M5 R6 59 M7 70 P8 PF11 I/O FT SPI5_MOSI, FMC_SDNRAS, DCMI_D12, EVENTOUT - 50 N5 P6 60 N7 71 M6 PF12 I/O FT FMC_A6, EVENTOUT - 51G9 M861 - 72 K7 VSS S - 52 D10 N8 62 - 73 L8 VDD S - 53 M6 N6 63 K6 74 N6 PF13 I/O FT FMC_A7, EVENTOUT - 54 K7 R7 64 L6 75 P6 PF14 I/O FT FMC_A8, EVENTOUT - 55 L7 P7 65 M6 76 M8 PF15 I/O FT FMC_A9, EVENTOUT - 56 N6 N7 66 N6 77 N7 PG0 I/O FT FMC_A10, EVENTOUT - 57 M7 M7 67 K5 78 M7 PG1 I/O FT FMC_A11, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |