전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F427AIH7XXX 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 STM32F427AIH7XXX
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427AIH7XXX 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button STM32F427AIH7XXX Datasheet HTML 58Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 59Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 60Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 61Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 62Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 63Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 64Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 65Page - STMicroelectronics STM32F427AIH7XXX Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
62/231
DocID024030 Rev 6
-
91
G11
J15 110 G4 133 J15
PG6
I/O FT
FMC_INT2, DCMI_D12,
LCD_R7, EVENTOUT
-
92
G12
J14
111
H1 134 J14
PG7
I/O FT
USART6_CK,
FMC_INT3, DCMI_D13,
LCD_CLK, EVENTOUT
-
93
F13 H14 112 G2 135 H14
PG8
I/O FT
SPI6_NSS,
USART6_RTS,
ETH_PPS_OUT,
FMC_SDCLK,
EVENTOUT
-94
J7
G12 113
D2 136 G10
VSS
S
-95
E6
H13 114 G1 137 G11
VDD
S
63
96
F9
H15 115
F2
138 H15
PC6
I/O FT
TIM3_CH1, TIM8_CH1,
I2S2_MCK,
USART6_TX,
SDIO_D6, DCMI_D0,
LCD_HSYNC,
EVENTOUT
64
97
F10 G15 116
F3
139 G15
PC7
I/O FT
TIM3_CH2, TIM8_CH2,
I2S3_MCK,
USART6_RX,
SDIO_D7, DCMI_D1,
LCD_G6, EVENTOUT
65
98
F11 G14 117
E4 140 G14
PC8
I/O FT
TIM3_CH3, TIM8_CH3,
USART6_CK,
SDIO_D0, DCMI_D2,
EVENTOUT
66
99
F12
F14 118
E3 141 F14
PC9
I/O FT
MCO2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN, SDIO_D1,
DCMI_D3, EVENTOUT
67
100 E13
F15 119
F1
142 F15
PA8
I/O FT
MCO1, TIM1_CH1,
I2C3_SCL,
USART1_CK,
OTG_FS_SOF,
LCD_R6, EVENTOUT
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More