전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BPX63 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 BPX63
상세설명  Silizium-Fotodiode mit sehr kleinem Dunkelstrom
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX63 데이터시트(HTML) 3 Page - OSRAM GmbH

  BPX63 Datasheet HTML 1Page - OSRAM GmbH BPX63 Datasheet HTML 2Page - OSRAM GmbH BPX63 Datasheet HTML 3Page - OSRAM GmbH BPX63 Datasheet HTML 4Page - OSRAM GmbH BPX63 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BPX 63
2001-02-21
3
Spektrale Fotoempfindlichkeit,
λ = 850 nm
Spectral sensitivity
Sλ
0.50
A/W
Quantenausbeute,
λ = 850 nm
Quantum yield
η
0.73
Electrons
Photon
Leerlaufspannung,
E
v = 1000 Ix
Open-circuit voltage
V
O
450 (
≥ 380)
mV
Kurzschlußstrom,
E
v = 1000 Ix
Short-circuit current
I
SC
10
µA
Anstiegs- und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L = 1 kΩ; VR = 5 V; λ = 850 nm; Ip = 10 µA
t
r, tf
1.3
µs
Durchlaßspannung,
I
F = 100 mA, E = 0
Forward voltage
V
F
1.3
V
Kapazität,
V
R = 0 V, f = 1 MHz, E = 0
Capacitance
C
0
100
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
TC
I
0.16
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 1 V, λ = 850 nm
NEP
2.5
× 10– 15
Nachweisgrenze,
V
R = 1 V, λ = 850 nm
Detection limit
D*
3.9
× 1013
Kennwerte (
T
A = 25 °C, Normlicht A, T = 2856 K)
Characteristics (
T
A = 25 °C, standard light A, T = 2856 K) (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
W
Hz
------------
cm
Hz
×
W
--------------------------



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com