전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4313 데이터시트(PDF) 1 Page - Adafruit Industries

부품명 4313
상세설명  Adafruit 1.3" 240x240 Wide Angle TFT LCD Display with MicroSD - ST7789
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADAFRUIT [Adafruit Industries]
홈페이지  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4313 데이터시트(HTML) 1 Page - Adafruit Industries

  4313 Datasheet HTML 1Page - Adafruit Industries 4313 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
Adafruit 1.3" 240x240 Wide Angle TFT
LCD Display with MicroSD - ST7789
PRODUCT ID: 4313
We've been looking for a display like this for a long time - it's so small only 1.3"
diagonal but has a high density 260 ppi, 240x240 pixel display with full-angle
viewing. It
looks a lot like our 1.44" 128x128 display, but has 4x as many pixels
and looks great at any angle. We've seen displays of this caliber used in
smartwatches and small electronic devices but they've always been MIPI
interface. Finally, we found one that is SPI and has a friendly display driver, so it
works with any and all microcontrollers or microcomputers!
This lovely little display breakout is the best way to add a small, colorful and
very bright display to any project. Since the display uses 4-wire SPI to
communicate and has its own pixel-addressable frame buffer, it can be used
with every kind of microcontroller. Even a very small one with low memory and
few pins available! The 1.3" display has 240x240 16-bit full color pixels and is
an IPS display, so the color looks great up to 80 degrees off axis in any


유사한 부품 번호 - 4313

제조업체부품명데이터시트상세설명
logo
Visual Communications C...
4313 VCC-4313 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
IDEAL-TEK SA
4313 SM IDEAL-TEK-4313 SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Silicon Laboratories
4313-DACB-ANY SILABS-4313-DACB-ANY Datasheet
252Kb / 14P
Si4010 KEY FOB DEMO KIT WITH AES CAPABILITY
4313-DACB_ANY SILABS-4313-DACB_ANY Datasheet
831Kb / 14P
Si4010 KEY FOB DEMO KIT WITH AES CAPABILITY USER’S GUIDE
Rev 1.1 4/11
4313-DAPB-HB SILABS-4313-DAPB-HB Datasheet
99Kb / 8P
Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
More results

유사한 설명 - 4313

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
LT104S1-101 SAMSUNG-LT104S1-101 Datasheet
1Mb / 19P
TFT LCD Panel Display
logo
Sharp Corporation
LR38820 SHARP-LR38820 Datasheet
127Kb / 1P
QVGA TFT-LCD controller with graphic display functions
logo
AAEON Technology
ONYX-151 AAEON-ONYX-151 Datasheet
791Kb / 3P
15" color TFT LCD display
logo
List of Unclassifed Man...
4DLCD32Q ETC2-4DLCD32Q Datasheet
808Kb / 16P
3.2??TFT LCD Display Datasheet
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
17 SXGA TFT LCD display
P1197E-500 AXIOMTEK-P1197E-500 Datasheet
428Kb / 2P
19 SXGA TFT LCD display
logo
Crystalfontz America, I...
CFAM800480A0-050R CRYSTAIFONTZ-CFAM800480A0-050R Datasheet
902Kb / 12P
HDMI TFT LCD DISPLAY
CFAM1280800A0-101C CRYSTAIFONTZ-CFAM1280800A0-101C Datasheet
567Kb / 10P
HDMI TFT LCD DISPLAY MODULE
CFAM1280800A0-101N CRYSTAIFONTZ-CFAM1280800A0-101N Datasheet
589Kb / 10P
HDMI TFT LCD DISPLAY MODULE
CFAM1280800B0-101R CRYSTAIFONTZ-CFAM1280800B0-101R Datasheet
566Kb / 10P
HDMI TFT LCD DISPLAY MODULE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com