| 전자부품 데이터시트 검색엔진 |
|
E3X 데이터시트(PDF) 47 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3X 데이터시트(HTML) 47 Page - Omron Electronics LLC |
|
47 / 64 page ![]() E3X E3X 4 Reflective E32-D11L E32-D21L E32-D22L E32-DC200 E32-DC200B E32-DC200B4 E32-DC200E Two toothed washers Two hexagon clamping nuts Sensing head (nickel-plated brass) M6 x 0.75 Two optical fiber, 2.2 dia. 2.4 20 3 4 dia. Two, 1.4 dia. Two, 1.0 dia. 4.8 4 dia. Two toothed washers Two hexagon clamping nuts Sensing head M6 x 0.75 (ADC) Optical fiber, 2.2 dia. 3 2.4 2,000 Two, 1.0 dia. 5.2 2.5 dia. max. Stainless tube (SUS304) Two toothed washers Two hexagon clamping nuts Sensing head M6 x 0.75 (fine screw) Optical fiber, 2.2 dia. 17 2.4 5.2 10 90 (40) (see note) 10 10 E32-D12 3 dia. Two, 1 dia. 2,000 (standard length) Heat-shrinkable tubing Optical fibers, two, 2.2 dia. Sensing head (stainless) 3.2 3 2,000 10 2.4 7 Two hexagon clamping nuts Two toothed washers Sensing head M4 x 0.7 (nickel-plated brass) Two fiber attachments (E39-F9) Two, 0.9 dia. Optical fiber, two, 1 dia. Two, 0.9 dia. 2.7 dia. Sensing head 3 dia. (nickel-plated brass) Optical fiber, two, 1 dia. Two fiber attachments (E39-F9) 10 3 2,000 Sensing head M3 x 0.5 (SUS304) Two hexagon clamping nuts Two toothed washers Two fiber attachments (E39-F9) Optical fiber, two, 1 dia. 10 11 Two, 0.5 dia. 2.5 1.8 5.5 Note: The value in the parentheses is for the E32-DC200B4. 2,000 15 135 25 15 15 25 17 2,000 25 2,000 47 |