전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E3X 데이터시트(PDF) 57 Page - Omron Electronics LLC

부품명 E3X
상세설명  Optical Fiber Photoelectric Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X 데이터시트(HTML) 57 Page - Omron Electronics LLC

Back Button E3X Datasheet HTML 53Page - Omron Electronics LLC E3X Datasheet HTML 54Page - Omron Electronics LLC E3X Datasheet HTML 55Page - Omron Electronics LLC E3X Datasheet HTML 56Page - Omron Electronics LLC E3X Datasheet HTML 57Page - Omron Electronics LLC E3X Datasheet HTML 58Page - Omron Electronics LLC E3X Datasheet HTML 59Page - Omron Electronics LLC E3X Datasheet HTML 60Page - Omron Electronics LLC E3X Datasheet HTML 61Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
E3X
E3X
14
Protective Spiral Tubes
E39-F32A, E39-F32A5
E39-F32B, E39-F32B5
Note:
1. L is as follows:
E39-F32A and E39-F32B: 1,000
E39-F32A5, E39-F32B5: 500
2. A pair of E39-F32A(5)’s is sold as E39-F32B(5).
E39-F32C, E39-F32C5
E39-F32D, E39-F32D5
Note:
L is as follows:
E39-F32C: 1,000
E39-F32C5: 500
M3 x 0.5 depth: 4
Head connector
4.6 dia.
End cap
3 dia.
Head connector
5.6 dia.
End cap
M4 x 0.7 depth: 4
L
12
12
L
12
Head connector
7 dia.
End cap
4 dia.
5 dia.
M6 x 0.75 depth: 4
6 dia.
7 dia.
8.5 dia.
Note:
L is as follows:
E39-F32D: 1,000
E39-F32D5: 500
12
12
L
12
Accessories
E39-F4 Fiber Cutter
E39-F9 Attachment for Thin Fiber
E39-F10 Fiber Connector
1.1 dia.
3.6 dia.
11.7
(2.4 dia.)
Retention clip
Splice
Retention clip Fiber
2.2 dia.
26
Insertion mark
3.8 dia.
Note:
One set includes two Units.
3 dia.
Holes for standard fiber
Holes for thin fiber
10
25
12.8
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64