전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO7641FC 데이터시트(PDF) 24 Page - Texas Instruments

부품명 ISO7641FC
상세설명  ISO76x1 Low-Power Triple and Quad-Channels Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7641FC 데이터시트(HTML) 24 Page - Texas Instruments

Back Button ISO7641FC Datasheet HTML 20Page - Texas Instruments ISO7641FC Datasheet HTML 21Page - Texas Instruments ISO7641FC Datasheet HTML 22Page - Texas Instruments ISO7641FC Datasheet HTML 23Page - Texas Instruments ISO7641FC Datasheet HTML 24Page - Texas Instruments ISO7641FC Datasheet HTML 25Page - Texas Instruments ISO7641FC Datasheet HTML 26Page - Texas Instruments ISO7641FC Datasheet HTML 27Page - Texas Instruments ISO7641FC Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
14
13
INA
OUTD
3
4
5
6
0.1 F
EN1
EN2
7
10
INB
12
11
OUTC
IND
INC
DVDD
DGND
2
GAIN1
24
25
26
GAIN0
SPEED
PWDN
AIN3+
AIN3-
AIN4+
A0
A1
AIN1+
AIN1-
AIN2+
SCLK
DOUT
REF+
REF-
AIN4-
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
23
20
19
28
8
7
27
0.1 F
P3.1
P3.0
CLK
SOMI
13
11
12
14
4
2
MSP430
F2132
DVss
DVcc
0.1 F
14
13
OUTD
3
4
5
6
0.1 F
NC
EN
7
10
12
11
OUTC
IND
INC
1
VCC1
16
VCC2
2,8
9,15
GND1
GND2
0.1 F
ISO7640
ISO7641
5VISO
5VISO
3.3V
3.3V
P3.7
P3.6
18
17
3.3V
22
AVDD
AGND
21
5VISO
0.1 F
AIN2-
13
14
17
16
15
11
12
18
INA
INB
OUTB
OUTA
OUTA
OUTB
1
0.1 F
0.1 F
5VISO 5VISO
Thermo
couple
Current
shunt
RTD
Bridge
XOUT
XIN
5
6
P3.4
15
P3.5
16
ADS1234
ISO-BARRIER
Copyright © 2016, Texas Instruments Incorporated
24
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3F – SEPTEMBER 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
ISO7641FC uses single-ended TTL-logic switching technology. It has a supply voltage range from 3 V to 5.5
V for both supplies, VCC1 and VCC2. When designing with digital isolators, it is important to note that due to
the single-ended design structure, digital isolators do not conform to any specific interface standard and are
only intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed
between the data controller (that is,
μC or UART), and a data converter or a line transceiver, regardless of
the interface type or standard.
10.2 Typical Application
Figure 24. Isolated Data Acquisition System for Process Control
10.2.1 Design Requirements
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO76xx device only requires two external bypass capacitors to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com