전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM8328TMX/NOPB 데이터시트(PDF) 29 Page - Texas Instruments

부품명 LM8328TMX/NOPB
상세설명  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328TMX/NOPB 데이터시트(HTML) 29 Page - Texas Instruments

Back Button LM8328TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 32Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
LM8328
www.ti.com
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
In general the following priority is given:
•
Keypad
•
GPIO/PWM/Interrupt
With this, each ball will be available as GPIO, PWM or interrupt unless it is specified to be part of the keypad
matrix. The configuration for keypad or PWM/interrupt usage is defined by the following registers:
•
KBDSIZE and KBDDEDCFG
–
Both registers define a ball as either part of the keypad matrix or as dedicated key input. These settings
have highest priority and will overwrite settings made in other registers.
•
IOCFG
–
This register is used to define the usage of KPY[11:8] if not configured to be part of the keymatrix, to be
used as GPIO.
Table 49. Ball Configuration Options
BALL
Module connectivity
GPIOSEL
BALLCFG
0x0
0x1
0x2
0x3
0x4
0x5
0x6
0x7
KPX[7:0]
not used
GPIO[7:0]
KPY[7:0]
not used
GPIO[15:8]
KPY8/PWM2
not used
GPIO16
PWM2(1)
(reserved)
-
-
-
-
-
KPY9/PWM1
not used
GPIO17
PWM1
-
-
-
-
-
-
KPY10/PWM0
not used
GPIO18
PWM0
-
-
-
-
-
-
IRQN/KPY11/PW
see IOCFG
GPIO19
PWM2(1)
PWM2
-
-
-
-
-
M2
(1)
Note 1: PWM2 functionality is mutally exclusive — one pin at a time only (KPY8 or KPY11) depending on interrupt enable Bit 4 of
IOCFG.
IOCGF - Input/Output Pin Mapping Configuration Register
Table 50. IOCGF - Input/Output Pin Mapping Configuration Register
Register - Name
Address
Type
Register Function
Configures usage of KPY[11:8] if not used for Keypad. On each write to
IOCFG
0xA7
W
this register, BALLCFG defines the column of Table 49 to configure.
Bit - Name
Bit
Default
Bit Function
Configures the IRQN/KPY11/PWM2 ball
GPIOSEL
7:4
Bit 4: Interrupt enabled
Bit [7:5]: not used
(reserved)
3
(reserved)
BALLCFG
2:0
Select column to configure, see Ball configuration options
IOPC0 - Pull Resistor Configuration Register 0
Table 51. IOPC0 - Pull Resistor Configuration Register 0
Register - Name
Address
Type
Register Function
IOPC0*
OxAA
R/W
Defines the pull resistor configuration for balls KPX[7:0]
Bit - Name
Bit
Default
Bit Function
Resistor enable for KPX7 ball
00: no pull resistor at ball
KPX7PR[1:0]
15:14
0x2
01:pull down resistor programmed
1x: pull up resistor programmed
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com