전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM8328TMX/NOPB 데이터시트(PDF) 44 Page - Texas Instruments

부품명 LM8328TMX/NOPB
상세설명  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM8328TMX/NOPB 데이터시트(HTML) 44 Page - Texas Instruments

Back Button LM8328TMX/NOPB Datasheet HTML 40Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 41Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 42Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 43Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 44Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 45Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 46Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 47Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
BACKDRIVE/OVERVOLTAGE I/O DC CHARACTERISTICS
Characteristics for pins IRQN/KPY11/PWM2, SDA and SCL
Parameter
Conditions
Min
Typ
Max
Units
VIH (Min. Input High Voltage)
0.7xVCC
V
VIL (Max. Input Low Voltage)
0.3xVCC
VCC = 1.62V
ISource
-6
mA
VOH = 1.5V
VCC = 1.62V
ISink1 (as GPIO)
12
mA
VOL = 0.4V
VCC = 1.62V
ISink2 (as ACCESS.bus)
3
mA
VOL = 0.4V
VCC = 1.62V
ISink3 (as ACCESS.bus)
4
mA
VOL = 0.6V
Allowable Sink current per pin (1)
12
mA
IPU (Weak Pull-UP Current)
(2)
VOUT = 0V
-7
-40
IPD (Weak Pull-Down Current)
(2)
VOUT = VCC
7
40
GPIO output disabled
µA
VCC = 1.62V to 1.98V
IOZ1 (Input Leakage Current)
Vpin = 0 to VCC
±2
Vpin = VCC to 3.6V
±10
0
≤ VCC ≤ 0.5V
IOZ2 (Input Backdrive Leakage Current)
±10
µA
Vpin = 0 to 3.6V
(1)
The sum of all I/O sink/source current must not exceed the maximum total current into VCC and out of GND as specified in the absolute
maximum ratings.
(2)
This is the internal weak pull-up (pull-down) current when driver output is disabled. If enabled, during receiving mode, this is the current
required to switch the input from one state to another.
BACKDRIVE/OVERVOLTAGE I/O AC CHARACTERISTICS
Characteristics for pins IRQN/KPY11/PWM2, SDA and SCL
Parameter
Conditions
Min
Typ
Max
Units
tRise/Fall
CLOAD=50 pF @ 1MHz
70
(Max. Rise and Fall time) (1)
ns
tFall
CLOAD=10 pF to 100 pF
(Max. Fall time) as ACCESS.bus (SDA, SCL
10
120
VIHmin to VILmax
only) (1)
(1)
Specified by design, not tested.
44
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com