전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM49200TLEVAL 데이터시트(PDF) 15 Page - Texas Instruments

부품명 LM49200TLEVAL
상세설명  LM49200 Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM49200TLEVAL 데이터시트(HTML) 15 Page - Texas Instruments

Back Button LM49200TLEVAL Datasheet HTML 11Page - Texas Instruments LM49200TLEVAL Datasheet HTML 12Page - Texas Instruments LM49200TLEVAL Datasheet HTML 13Page - Texas Instruments LM49200TLEVAL Datasheet HTML 14Page - Texas Instruments LM49200TLEVAL Datasheet HTML 15Page - Texas Instruments LM49200TLEVAL Datasheet HTML 16Page - Texas Instruments LM49200TLEVAL Datasheet HTML 17Page - Texas Instruments LM49200TLEVAL Datasheet HTML 18Page - Texas Instruments LM49200TLEVAL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
START
MSB
DEVICE ADDRESS
LSB
ACK
SCL
SDA
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
Figure 34. Start and Stop Diagram
Table 1. Chip Address
A7
A6
A5
A4
A3
A2
A1
A0
Chip Address
1
1
1
1
1
0
0
0
Table 2. Control Registers(1)
Register
D7
D6
D5
D4
D3
D2
D1
D0
Turn_On
Shutdown Control
0
0
0
HPR_SD(2)
0
I2CVDD_SD
(3)
Power_On(5)
_Time(4)
Output Mode Control
0
1
0
EP_Mode(6)
Mode_Control(7)
Headphone Output
1
0
0
0
0
HP_Gain(8)
Gain Control
Mono Input Volume
1
0
1
Mono_Vol(9)
Control
Left Input Volume
1
1
0
Left_Vol(9)
Control
Right Input Volume
1
1
1
Right_Vol(9)
Control
(1)
Notes: All registers default to 0 on initial power-up.
(2)
HPR_SD: Right channel shutdown control. See Table 3.
(3)
I2CVDD_SD: Control Enable Function. I
2CV
DD can be used to act as a hardware reset input. See Table 3.
(4)
Turn_On_Time: Reduces the turn on time for faster activation. See Table 3.
(5)
Power_On: Master Power on bit. See Table 3.
(6)
EP_Mode: EP (Receiver) Mode control. Right loudspeaker channel can be used as earpiece path. See Table 4.
(7)
Mode_Control: Sets the output mode. See Table 4.
(8)
HP_Gain: Sets the headphone amplifier output gain. See Table 5
(9)
Mono_Vol/Left_Vol/Right_Vol: Sets the input volume for Mono, Left and Right inputs. See Table 6.
Table 3. Shutdown Control Register
Bit
Name
Value
Description
This bit is a master shutdown control bit and sets the device to be on or off.
Value
Status
0
Power_On
0
Master power off, device disable.
1
Master power on, device enable.
This bit sets the turn on time of the device.
Value
Status
1
Turn_On_Time
0
Normal Turn-on time
1
Fast Turn-on time
This bit allows the I2C supply voltage to be used as a reset signal.
Value
Status
I2CVDD acts as an active low reset input. If I
2CV
DD drops below 1.1V,
2
I2CVDD_SD
0
the device resets and the I2C registers are restored to their default
state.
1
Normal Operation. I2CVDD voltage does not reset the device.
This bit is used when only one channel of the headphone amplifier is needed.
4
HPR_SD
0
Normal headphone operation.
1
Mono headphone output at left channel, right headphone in shutdown.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM49200 LM49200TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com