| 전자부품 데이터시트 검색엔진 |
|
LM49200TLEVAL 데이터시트(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM49200TLEVAL 데이터시트(HTML) 26 Page - Texas Instruments |
|
26 / 29 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 31-Aug-2023 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LM49200TL/NOPB DSBGA YZR 20 250 178.0 8.4 2.18 2.69 0.76 4.0 8.0 Q1 LM49200TLX/NOPB DSBGA YZR 20 3000 178.0 8.4 2.18 2.69 0.76 4.0 8.0 Q1 Pack Materials-Page 1 |