| 전자부품 데이터시트 검색엔진 |
|
STM32L412C8I6TR 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L412C8I6TR 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 192 page ![]() - - F6 - - - - - VDDA S - - - - 5 5 - 9 9 13 13 H1 VDDA/VREF+ S - - - - - - - 101014 14 G2 PA0 I/O FT_a - TIM2_CH1, USART2_CTS, COMP1_OUT, TIM2_ETR, EVENTOUT OPAMP1_VINP, COMP1_INM, ADC1_IN5, RTC_TAMP2/WKUP1 6 6 D5 - - - - - PA0-CK_IN I/O FT_a - TIM2_CH1, USART2_CTS, COMP1_OUT, TIM2_ETR, EVENTOUT OPAMP1_VINP, COMP1_INM, ADC1_IN5, RTC_TAMP2/WKUP1, CK_IN 7 7 D4 11 11 15 15 H2 PA1 I/O FT_a - TIM2_CH2, I2C1_SMBA, SPI1_SCK, USART2_RTS_DE, TIM15_CH1N, EVENTOUT OPAMP1_VINM, COMP1_INP, ADC1_IN6 8 8 E5 12 12 16 16 F3 PA2 I/O FT_a - TIM2_CH3, USART2_TX, LPUART1_TX, QUADSPI_BK1_NCS, TIM15_CH1, EVENTOUT ADC12_IN7, WKUP4/LSCO 9 9 F5 13 13 17 17 G3 PA3 I/O TT_a - TIM2_CH4, USART2_RX, LPUART1_RX, QUADSPI_CLK, TIM15_CH2, EVENTOUT OPAMP1_VOUT, ADC12_IN8 - --- - 18 18 C2 VSS S - - - - - --- - 19 19 D2 VDD S - - - - 10 10 F4 14 14 20 20 H3 PA4 I/O TT_a SPI1_NSS, USART2_CK, LPTIM2_OUT, EVENTOUT COMP1_INM, ADC12_IN9 11 11 E4 15 15 21 21 F4 PA5 I/O TT_a TIM2_CH1, TIM2_ETR, SPI1_SCK, LPTIM2_ETR, EVENTOUT COMP1_INM, ADC12_IN10 Table 14. STM32L412xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |