| 전자부품 데이터시트 검색엔진 |
|
STM32L412C8I6TR 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L412C8I6TR 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 192 page ![]() 12 12 D3 16 16 22 22 G4 PA6 I/O FT_a TIM1_BKIN, SPI1_MISO, COMP1_OUT, USART3_CTS, LPUART1_CTS, QUADSPI_BK1_IO3, TIM16_CH1, EVENTOUT ADC12_IN11 13 13 E3 17 17 23 23 H4 PA7 I/O FT_fa TIM1_CH1N, I2C3_SCL, SPI1_MOSI, QUADSPI_BK1_IO2, EVENTOUT ADC12_IN12 - - - - - 24 24 H5 PC4 I/O FT_a USART3_TX, EVENTOUT COMP1_INM, ADC12_IN13 - - - - - - 25 H6 PC5 I/O FT_a USART3_RX, EVENTOUT COMP1_INP, ADC12_IN14, WKUP5 14 14 F3 18 18 25 26 F5 PB0 I/O FT_a TRACED0, TIM1_CH2N, SPI1_NSS, USART3_CK, QUADSPI_BK1_IO1, COMP1_OUT, EVENTOUT ADC12_IN15 15 15 D2 19 19 26 27 G5 PB1 I/O FT_a TRACED1, TIM1_CH3N, USART3_RTS_DE, LPUART1_RTS_DE, QUADSPI_BK1_IO0, LPTIM2_IN1, EVENTOUT COMP1_INM, ADC12_IN16 - - E2 20 20 27 28 G6 PB2 I/O FT_a LPTIM1_OUT, I2C3_SMBA, EVENTOUT COMP1_INP, RTC_OUT2 - - F2 21 21 28 29 G7 PB10 I/O FT_f TIM2_CH3, I2C2_SCL, SPI2_SCK, USART3_TX, LPUART1_RX, TSC_SYNC, QUADSPI_CLK, COMP1_OUT, EVENTOUT - - - - 222229 30 H7 PB11 I/O FT_f TIM2_CH4, I2C2_SDA, USART3_RX, LPUART1_TX, QUADSPI_BK1_NCS, EVENTOUT - - --- - 30 - - VDD12 S - - - - Table 14. STM32L412xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |