전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5562TMX/NOPB 데이터시트(PDF) 25 Page - Texas Instruments

부품명 LP5562TMX/NOPB
상세설명  LP5562 Four-Channel RGB- or White-LED Driver With Internal Program Memory and Independent Channel Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP5562TMX/NOPB 데이터시트(HTML) 25 Page - Texas Instruments

Back Button LP5562TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 28Page - Texas Instruments LP5562TMX/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
25
LP5562
www.ti.com
SNVS820B – APRIL 2013 – REVISED DECEMBER 2016
Product Folder Links: LP5562
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
7.5 Programming
7.5.1 SRAM Memory
In the LP5562 there is a SRAM memory reserved for storing the LED lighting programs. Each engine has its own
section of the memory so that engine 1 has registers 10h to 2Fh, engine 2 has registers 30h to 4Fh, and engine
3 has registers 50h to 6Fh. For each engine 16 engine commands (16-bit) can be stored. Each 16-bit command
takes up two I2C registers.
Table 23. SRAM Memory Registers
Address
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
10h
Prog mem
ENG1
COMMAND1_ENG1[15:8]
11h
Prog mem
ENG1
COMMAND1_ENG1[7:0]
...
2Eh
Prog mem
ENG1
COMMAND16_ENG1[15:8]
2Fh
Prog mem
ENG1
COMMAND16_ENG1[7:0]
30h
Prog mem
ENG2
COMMAND1_ENG2[15:8]
31h
Prog mem
ENG2
COMMAND1_ENG2[7:0]
...
4Eh
Prog mem
ENG2
COMMAND16_ENG2[15:8]
4Fh
Prog mem
ENG2
COMMAND16_ENG2[7:0]
50h
Prog mem
ENG3
COMMAND1_ENG3[15:8]
51h
Prog mem
ENG3
COMMAND1_ENG3[7:0]
...
6Eh
Prog mem
ENG3
COMMAND16_ENG3[15:8]
6Fh
Prog mem
ENG3
COMMAND16_ENG3[7:0]
When downloading a program to the SRAM engine modes need to be set to Load mode (see Table 6). While
loading sequential I2C writing can be used (repeated start see Figure 24). However, please note that sequential
read of the SRAM is not possible.
7.5.2 I2C-Compatible Serial Bus Interface
7.5.2.1 Interface Bus Overview
The I2C compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bidirectional communications between the IC's connected
to the bus. The two interface lines are the Serial Data Line (SDA), and the Serial Clock Line (SCL). These lines
should be connected to a positive supply, via a pullup resistor and remain HIGH even when the bus is idle.
Every device on the bus is assigned a unique address and acts as either a Master or a Slave depending on
whether it generates or receives the serial clock (SCL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com