| 전자부품 데이터시트 검색엔진 |
|
UM0231 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0231 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 15 page ![]() AD-ICD 3 Connecting to the application board 7/15 3 Connecting to the application board This chapter describes the physical connection of the ICD adapter to your in-circuit debugging tool and to your application board. Note: The DB715 flexible and associated on-application connectors for the DFN8 package are delivered with the ST7MDT10-8/DVP connection kit (see Delivery checklist). The following sections show connection illustrations for each supported package type: ● Connection for DIP8 microcontroller package on page 8 ● Connection for SO8 microcontroller package on page 9 ● Connection for DFN8 microcontroller package on page 10 Figure 6. Connectors on the ICD Adapter The ICD Adapter (MB509) connects to your in-circuit debugging tool via the 10-pin ICC connector on the top of the adapter. It connects to the connector installed on you application board via an 8-pin connector on the bottom of the adapter (see Figure 6). To use the ICD Adapter you will have to solder the appropriate package specific connector to your application board in place of your target ST7LiteUS microcontroller. Table 2 shows the available connectors Table 2. Target MCU packages and their application connectors Package ICD Adapter Application board connector(s) DIP8 MB509 DB646 SO8 MB509 SO8, 8-pin connector DFN8 MB509 DB715 flexible adapter 10-pin ICC connector 8-pin connector Top Bottom |