| 전자부품 데이터시트 검색엔진 |
|
TMS320VC33 데이터시트(PDF) 51 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 데이터시트(HTML) 51 Page - Texas Instruments |
|
51 / 53 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 23-May-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) 5962-0053901QYA HFG CFP 164 10 1 x 4 75 315 135.9 12190 68 55.5 67.95 5962-0053901QYC HFG CFP 164 4 1 x 4 75 315 135.9 12190 68 55.5 67.95 5962-0053901QYC.A HFG CFP 164 4 1 x 4 75 315 135.9 12190 68 55.5 67.95 SMJ320VC33HFGM150 HFG CFP 164 10 1 x 4 75 315 135.9 12190 68 55.5 67.95 SMJ320VC33HFGM150.A HFG CFP 164 10 1 x 4 75 315 135.9 12190 68 55.5 67.95 Pack Materials-Page 1 |