전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MF12 3K. 데이터시트(PDF) 10 Page - Multicomp Pro

부품명 MF12 3K.
상세설명  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF12 3K. 데이터시트(HTML) 10 Page - Multicomp Pro

Back Button MF12 3K. Datasheet HTML 6Page - Multicomp Pro MF12 3K. Datasheet HTML 7Page - Multicomp Pro MF12 3K. Datasheet HTML 8Page - Multicomp Pro MF12 3K. Datasheet HTML 9Page - Multicomp Pro MF12 3K. Datasheet HTML 10Page - Multicomp Pro MF12 3K. Datasheet HTML 11Page - Multicomp Pro MF12 3K. Datasheet HTML 12Page - Multicomp Pro MF12 3K. Datasheet HTML 13Page - Multicomp Pro MF12 3K. Datasheet HTML 14Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Page <10>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 125mW 1% 270K
MF12 270K
Resistor, 125mW 1% 270R
MF12 270R
Resistor, 125mW 1% 27K
MF12 27K
Resistor, 125mW 1% 27K
MF12 27K.
Resistor, 125mW 1% 27R
MF12 27R
Resistor, 125mW 1% 27R
MF12 27R.
Resistor, 2K, 125mW, 1%
MF12 2K
Resistor, 2.2K, 125mW, 1%
MF12 2K2
Resistor, 125mW 1% 2K4
MF12 2K4
Resistor, 125mW 1% 2K7
MF12 2K7
Resistor, 125mW 1% 2R2
MF12 2R2
Resistor, 125mW 1% 300K
MF12 300K
Resistor, 125mW 1% 300R
MF12 300R
Resistor, 125mW 1% 30K
MF12 30K
Resistor, 125mW 1% 30R
MF12 30R
Resistor, 125mW 1% 330K
MF12 330K
Resistor, 125mW, 1%, 330R
MF12 330R
Resistor, 125mW 1% 330R
MF12 330R.
Resistor, 125mW 1% 33K
MF12 33K
Resistor, 125mW 1% 33R
MF12 33R
Resistor, 125mW 1% 360K
MF12 360K
Resistor, 125mW 1% 360R
MF12 360R
Resistor, 125mW 1% 36K
MF12 36K
Resistor, 125mW 1% 36R
MF12 36R
Resistor, 125mW 1% 390K
MF12 390K
Resistor, 125mW 1% 390K
MF12 390K.
Resistor, 125mW 1% 390R
MF12 390R
Resistor, 125mW 1% 39K
MF12 39K
Resistor, 125mW 1% 39R
MF12 39R
Resistor, 125mW 1% 3K
MF12 3K
Resistor, 125mW 1% 3K
MF12 3K.
Resistor, 3.3K, 125mW, 1%
MF12 3K3
Resistor, 125mW 1% 3K6
MF12 3K6
Resistor, 125mW 1% 3K6
MF12 3K6.
Resistor, 125mW 1% 3K9
MF12 3K9
Resistor, 125mW 1% 3R3
MF12 3R3
Resistor, 125mW 1% 430K
MF12 430K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com