전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MF12 3K. 데이터시트(PDF) 17 Page - Multicomp Pro

부품명 MF12 3K.
상세설명  Precision Metal Film Fixed Resistor Axial Leaded
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MF12 3K. 데이터시트(HTML) 17 Page - Multicomp Pro

Back Button MF12 3K. Datasheet HTML 13Page - Multicomp Pro MF12 3K. Datasheet HTML 14Page - Multicomp Pro MF12 3K. Datasheet HTML 15Page - Multicomp Pro MF12 3K. Datasheet HTML 16Page - Multicomp Pro MF12 3K. Datasheet HTML 17Page - Multicomp Pro MF12 3K. Datasheet HTML 18Page - Multicomp Pro MF12 3K. Datasheet HTML 19Page - Multicomp Pro MF12 3K. Datasheet HTML 20Page - Multicomp Pro MF12 3K. Datasheet HTML 21Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Page <17>
V1.0
05/09/19
Precision Metal Film Fixed Resistor
Axial Leaded
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Resistor, 100R, 500mW, 1%
MF50 100R
Resistor, 10K, 500mW, 1%
MF50 10K
Resistor, 500mW 1% 10R
MF50 10R
Resistor, 500mW 1% 10R
MF50 10R.
Resistor, 500mW 1% 110K
MF50 110K
Resistor, 500mW 1% 110R
MF50 110R
Resistor, 500mW 1% 11K
MF50 11K
Resistor, 500mW 1% 11K
MF50 11K.
Resistor, 500mW 1% 11R
MF50 11R
Resistor, 500mW 1% 120K
MF50 120K
Resistor, 500mW 1% 120R
MF50 120R
Resistor, 500mW 1% 120R
MF50 120R.
Resistor, 500mW 1% 12K
MF50 12K
Resistor, 500mW 1% 12R
MF50 12R
Resistor, 500mW 1% 12R
MF50 12R.
Resistor, 500mW 1% 130K
MF50 130K
Resistor, 500mW 1% 130R
MF50 130R
Resistor, 500mW 1% 13K
MF50 13K
Resistor, 500mW 1% 13K
MF50 13K.
Resistor, 500mW 1% 13R
MF50 13R
Resistor, 500mW 1% 150K
MF50 150K
Resistor, 500mW 1% 150R
MF50 150R
Resistor, 500mW 1% 15K
MF50 15K
Resistor, 500mW 1% 15R
MF50 15R
Resistor, 500mW 1% 15R
MF50 15R.
Resistor, 500mW 1% 160K
MF50 160K
Resistor, 500mW 1% 160K
MF50 160K.
Resistor, 500mW 1% 160R
MF50 160R
Resistor, 500mW 1% 16K
MF50 16K
Resistor, 500mW 1% 16R
MF50 16R
Resistor, 500mW 1% 180K
MF50 180K
Resistor, 500mW 1% 180R
MF50 180R
Resistor, 500mW 1% 18K
MF50 18K
Resistor, 500mW 1% 18R
MF50 18R
Resistor, 1K, 500mW, 1%
MF50 1K
Resistor, 500mW 1% 1K1
MF50 1K1
Resistor, 500mW 1% 1K2
MF50 1K2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com