전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO7240CDWR 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 ISO7240CDWR
상세설명  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDWR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button ISO7240CDWR Datasheet HTML 7Page - Texas Instruments ISO7240CDWR Datasheet HTML 8Page - Texas Instruments ISO7240CDWR Datasheet HTML 9Page - Texas Instruments ISO7240CDWR Datasheet HTML 10Page - Texas Instruments ISO7240CDWR Datasheet HTML 11Page - Texas Instruments ISO7240CDWR Datasheet HTML 12Page - Texas Instruments ISO7240CDWR Datasheet HTML 13Page - Texas Instruments ISO7240CDWR Datasheet HTML 14Page - Texas Instruments ISO7240CDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
VCC1 and VCC2 at 3.3 V operation, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ISO7240A/C/M
Quiescent
0.5
1
VI = VCC or 0 V, all channels, no load,
ISO7240A
1 Mbps
1
2
mA
EN2 at 3 V
ISO7240C/M
25 Mbps
3
5
ISO7241A/C/M
Quiescent
4
7
VI = VCC or 0 V, all channels, no load,
ICC1
ISO7241A
1 Mbps
4
7
EN1 at 3 V, EN2 at 3 V
ISO7241C/M
25 Mbps
6.5
11
mA
ISO7242A/C/M
Quiescent
6
10
VI = VCC or 0 V, all channels, no load,
ISO7242A
1 Mbps
6
10
EN1 at 3 V, EN2 at 3 V
ISO7242C/M
25 Mbps
9
14
ISO7240A/C/M
Quiescent
9.5
15
VI = VCC or 0 V, all channels, no load,
ISO7240A
1 Mbps
10
15
mA
EN2 at 3 V
ISO7240C/M
25 Mbps
10.5
17
ISO7241A/C/M
Quiescent
8
13
VI = VCC or 0 V, all channels, no load,
ICC2
ISO7241A
1 Mbps
8
13
EN1 at 3 V, EN2 at 3 V
ISO7241C/M
25 Mbps
11.5
18
mA
ISO7242A/C/M
Quiescent
6
10
VI = VCC or 0 V, all channels, no load,
ISO7242A
1 Mbps
6
10
EN1 at 3 V, EN2 at 3 V
ISO7242C/M
25 Mbps
9
14
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at VCC, single channel
0
µA
IOH = –4 mA, See Figure 1
VCC – 0.4
VOH
High-level output voltage
V
IOH = –20 µA, See Figure 1
VCC – 0.1
IOL = 4 mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20 µA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V or VCC
µA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 4
25
50
kV/
µs
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO7240 ISO7241 ISO7242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com