전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO7240CDWR 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 ISO7240CDWR
상세설명  QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CDWR 데이터시트(HTML) 16 Page - Texas Instruments

Back Button ISO7240CDWR Datasheet HTML 12Page - Texas Instruments ISO7240CDWR Datasheet HTML 13Page - Texas Instruments ISO7240CDWR Datasheet HTML 14Page - Texas Instruments ISO7240CDWR Datasheet HTML 15Page - Texas Instruments ISO7240CDWR Datasheet HTML 16Page - Texas Instruments ISO7240CDWR Datasheet HTML 17Page - Texas Instruments ISO7240CDWR Datasheet HTML 18Page - Texas Instruments ISO7240CDWR Datasheet HTML 19Page - Texas Instruments ISO7240CDWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.ti.com
REGULATORY INFORMATION
THERMAL CHARACTERISTICS
TYPICAL CHARACTERISTIC CURVES
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
SignalingRate-Mbps
40
45
T =25°C,
Load=15pF,
AllChannels
A
5-VI
CC2
3.3-VI
CC2
3.3-VI
CC1
5-VI
CC1
0
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
150
SignalingRate-Mbps
T =25°C,
Load=15pF,
AllChannels
A
5-VI
CC2
3.3-VI
CC2
3.3-VI
CC1
5-VI
CC1
ISO7240
ISO7241
ISO7242
SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007
VDE
CSA
UL
Recognized under 1577
Certified according to IEC
Approved under CSA Component
Component Recognition
60747-5-2
Acceptance Notice
Program(1)
File Number: Pending
File Number: Pending
File Number: E181974
(1)
Production tested
≥ 3000 Vrms for 1 second in accordance with UL 1577.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K Thermal Resistance(1)
168
θ
JA
Junction-to-air
°C/W
High-K Thermal Resistance
96.1
θ
JB
Junction-to-Board Thermal Resistance
61
°C/W
θ
JC
Junction-to-Case Thermal Resistance
48
°C/W
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
PD
Device Power Dissipation
220
mW
Input a 50% duty cycle square wave
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
ISO7240C/M RMS SUPPLY CURRENT
ISO7241C/M RMS SUPPLY CURRENT
vs
vs
SIGNALING RATE
SIGNALING RATE
Figure 6.
Figure 7.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ISO7240 ISO7241 ISO7242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com