| 전자부품 데이터시트 검색엔진 |
|
T0931003003 데이터시트(PDF) 3 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
T0931003003 데이터시트(HTML) 3 Page - TE Connectivity Ltd |
|
3 / 70 page ![]() Insert Mounting Elements ..........................................................................................................39 Coding Pin .......................................................................................................................................40 Hoods and Housings IP65 ..........................................................................................................41 H3A Hoods and Housings.................................................................................................................... 41 H8A Thermoplastic and H10A & H16A Metal Hoods and Housings.................................... 42 H32A Metal Hoods and Housings .................................................................................................... 43 H6B Metal Hoods and Housings........................................................................................................ 44 H10B Metal Hoods and Housings ..................................................................................................... 45 H16B Metal Hoods and Housings ..................................................................................................... 47 H24B Metal Hoods and Housings ..................................................................................................... 49 H32B with 2 Levers on the Hoods and Housings 51 H48B Metal Hoods and Housings ..................................................................................................... 52 EMC Hoods and Housings ................................................................................................................... 53 HB (IP65) Series Central lever locking............................................................................................ 54 Hoods and Housings IP68 ..........................................................................................................55 H3APR (IP68) Hoods and Housings ................................................................................................ 55 HBPR (IP68) Hoods and Housings ................................................................................................... 56 Cable Glands ...................................................................................................................................59 Metal Cable Glands - Brass Nicked-plated.................................................................................... 59 Nylon Cable Glands - Nylon Sealing Insert ................................................................................... 60 Metal Cable Glands - Multiple Sealing Insert................................................................................ 62 Special Sealing Insert Glands ............................................................................................................. 63 Metal Glands with Multiple Seal ........................................................................................................ 64 Metal Clamp Glands with Multiple Seal .......................................................................................... 66 Metal Clamp Glands............................................................................................................................... 66 Metal Lock Nuts....................................................................................................................................... 67 Metal Increasers....................................................................................................................................... 68 Inside and Outside Thread Adapter ................................................................................................ 69 |