| 전자부품 데이터시트 검색엔진 |
|
T0931003003 데이터시트(PDF) 7 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
T0931003003 데이터시트(HTML) 7 Page - TE Connectivity Ltd |
|
7 / 70 page ![]() INDUSTRIAL /// HEAVY DUTY CONNECTORS 7 TE Connectivity‘s Heavy Duty Connectors HDC Application Introduction TE provides flexibility, high density solution with robust protection in Wind Power application to realize safe and reliable connection in harsh environment. • HMN — Modular design — Easy for interface configuration — Integrated solution to transmit power, signal, and data • HQ/HEEE/HDD — High density solution — Space saving with compact design • IP 68/69K Hoods and Housings — Up to 500H Salt spry protection • HE Spring inserts — Reliable solution for wiring — Maintenance free TE provides rail compliance insert, high-current series together with robust protection in Rail application • HCM — High current and high power connections required in Rail market • EN45545 compliant inserts HDD, HEE and HEEE — Compliant with safety requirements in Rail applications — High density connectors for signal transmission • EN45545 compliant HMN system — Compliant with safety requirements in Rail applications — Enable modular configuration of customer specific interface — Offer Multiple connection options including power, signal, and data • HBPR enclosures — Corrosion resistant enclosures with IP68 protection — Suitable for outdoor applications RAIL POWER TE Heavy Duty Connectors – Applications |