| 전자부품 데이터시트 검색엔진 |
|
PYF14ESSB 데이터시트(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB 데이터시트(HTML) 10 Page - Omron Electronics LLC |
|
10 / 31 page ![]() Products Related to Common Sockets and DIN Tracks 10 P2RF (Unit: mm) Note: 1. If an I/O SSR or Indicator Module is used, the polarity of terminal 1 is negative. 2. Refer to pages 28 and 30 for the features of Screwless Sockets and for precautions for correct use. Dimensions Terminal Arrangement/ Internal Connections Mounting Hole Dimensions --- 16 1.5 2 85.5 max. 4 8-M3×8 3.5-dia. hole 6+0.2 −0.1 48 max. 2 3 dia. 35.5 11.5 61 max. 39.5 63 max. (84.9 max.)* *When mounted on H3RN-2 @. P2RF-08-E (Two Poles) (Finger Protection Structure) (21) (22) (11) (24) (A1) (14) (12) (A2) 8 5 4 7 2 6 3 1 (Top View) Note: Figures in parentheses indicate DIN standard numbers. 7 4 39.5±0.1 3.2-dia. hole M3 or 3.5-dia. hole Note: Track mounting is also possible. Refer to page 27. (Top View) (3.4) 18.0 max. 22.6 27.6 32.6 28.6 32.6 24.5 35.3 91.8 max. (5.3) (2.4) P2RF-08-S (Two Poles) (Screwless Model) 3 6 5 7 8 4 2 1 (A1) (A2) (21) (11) (24) (14) (22) (12) Note: Figures in parentheses indicate DIN standard numbers. (Top View) |