| 전자부품 데이터시트 검색엔진 |
|
PYF14ESSB 데이터시트(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB 데이터시트(HTML) 28 Page - Omron Electronics LLC |
|
28 / 31 page ![]() Products Related to Common Sockets and DIN Tracks 28 Features of Screwless Sockets Safety Precautions • Do not move the screwdriver up, down, or from side to side or rotate it while it is inserted in the hole. Doing so may damage internal components in the Socket. • Do not insert more than one wire into the same hole. Doing so may cause abnormal heating. • There are two internally connected wiring holes for each terminal. • Insert the screwdriver along the hole wall as shown below. • When you remove a Socket from a support rail, insert the end of a screwdriver into the fixture and move the driver as shown by the arrow in the following figure. • When you use a Release Lever to remove a Relay from a P2RF- @@-S Socket, insert a screwdriver at the location shown in the following figure and move the Release Lever in the direction indicated by the arrow to release the lock on the release lever. Precautions for Safe Use Complete Wiring in Three Steps Structured for Easy Wiring Insert a screwdriver. Screwdriver inserted. Insert the wire. Remove screwdriver to complete wiring. • A spring holds the wire in place to reduce wiring work by 30% (according to OMRON comparison) and eliminates the need to manage torque. • DIN terminal numbers also indicated. Contact terminal (common) Coil terminals Release Lever (sold separately) Nameplate (sold separately) Contact terminal (NO) Contact terminal (NC) Screwdriver Screwdriver Fixture rail |