전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D19FVT69G 데이터시트(PDF) 4 Page - Pentair plc. All rights reserved.

부품명 D19FVT69G
상세설명  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PENTAIR [Pentair plc. All rights reserved.]
홈페이지  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

D19FVT69G 데이터시트(HTML) 4 Page - Pentair plc. All rights reserved.

  D19FVT69G Datasheet HTML 1Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 2Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 3Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 4Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 5Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 6Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 7Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 8Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For open Frame rackS
Spec-00035 S
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
acceSSorieS
4
racK-mounT STeel ShelF
19-in. Rack-Mount Shelf mounts to the front of the rack. Ideal for
holding non-19-in. rack-mount equipment. Available with or without
vents. Manufactured from 16 gauge steel. Black, low-gloss, lightly-
textured finish on all surfaces.
Load rating: 100 lb. (45.4 kg)
Bulletin: DOFRc
Catalog Number
H x W x D
in./mm
Style
Rack Units
EMS1918
5.25 x 19.00 x 18.00
133 x 483 x 457
Solid
3
EMS1922
5.25 x 19.00 x 22.00
133 x 483 x 559
Solid
3
EMSV1918
5.25 x 19.00 x 18.00
133 x 483 x 457
Vented
3
EMSV1922
5.25 x 19.00 x 22.00
133 x 483 x 559
Vented
3
adjuSTable STeel venTed ShelF
Vented shelf adjustable front to back in 25-mm increments. Shelf
mounts to either front or rear flange of open frame rack. Steel with
textured black polyester powder paint finish.
Load rating: 60 lb. (27.2 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESHVA19
3.50 x 16.93 x 15.75
89 x 430 x 400
19 in.
2
ESHVA23
3.50 x 19.93 x 15.75
89 x 506 x 400
23 in.
2
PullouT Keyboard Tray wiTh moniTor ShelF
Mounts to the front and back surfaces of a standard 3-in. open
frame rack. Fits full-size keyboard. includes mouse tray. extends
10.5 in. (267 mm) beyond front of open frame rack. Keyboard tray
slides out an additional 7 in. (178 mm). Uses 4U rack space. 16
gauge steel with RAL 9005 black polyester powder paint finish.
Monitor shelf load rating: 100 lb. (45.4 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
E19SKBM
7.00 x 19.90 x 10.24
178 x 505 x 260
19 in.
4
Pull-ouT ShelF For mini Keyboard
Pull-Out Shelf for Mini Keyboard mounts either in a cabinet or on a
19-in. open-frame rack and fits a 16.25-in. (413-mm) wide keyboard.
When closed, all parts slide between rack angles. Keyboard tray
slides out 8.94 in. (227 mm). 16 gauge steel with RAL 9005 black
polyester powder paint finish.
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
P19KBSM
3.50 x 18.31 x 12.42
89 x 465 x 315
19 in.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com