전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D19FVT69G 데이터시트(PDF) 8 Page - Pentair plc. All rights reserved.

부품명 D19FVT69G
상세설명  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PENTAIR [Pentair plc. All rights reserved.]
홈페이지  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

D19FVT69G 데이터시트(HTML) 8 Page - Pentair plc. All rights reserved.

Back Button D19FVT69G Datasheet HTML 4Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 5Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 6Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 7Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 8Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 9Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 10Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 11Page - Pentair plc. All rights reserved. D19FVT69G Datasheet HTML 12Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For rackS and cabinetS
Spec-00035 S
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
acceSSorieS
8
Keyboard comParTmenT For 19-in. racKS
Provides a convenient way to
incorporate a keyboard with
other 19-in. rack-mounted
equipment. Uses 2 RU of space.
Made of light-weight aluminum
with brushed finish. Accommodates
keyboard up to 16.50-in. (419-mm)
wide. Mounting hardware included.
Bulletin: DAccY
Catalog Number
Fits rack width
Rack Units
A19KBC2B
19
2
racK-anGle mounTed drawer
Steel drawer for 19-in. rack-angle mounting mounts to the front
surface of the rack angles. Integral steel box contains the drawer
and protects surrounding internal equipment. Extends 13 in. (330
mm) on ball bearing slides. Front includes handle and key lock.
Finish is rAL 7035 textured light-gray polyester powder paint.
Mounting hardware is included.
Bulletin: p20
Catalog Number
H (mm)
H (in.)
Fits Rack
Width
Rack
Units
P19DR1US
43
1.69
19 in.
1
P19DR2US
88
3.47
19 in.
2
P19DR3US
132
5.20
19 in.
3
wriTinG SurFace For racK-anGle-mounTed drawer
Steel cover mounts on top of the
drawer and serves as a writing
surface and drawer cover. Finish
is RAL 7035 light-gray textured
polyester powder paint. Drawer
shown in illustration and photo must
be ordered separately.
Bulletin: p20
Catalog Number
Description
Fits
P19WS
Steel writing surface and cover
Drawer (order separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com