전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5521TM/NOPB 데이터시트(PDF) 36 Page - Texas Instruments

부품명 LP5521TM/NOPB
상세설명  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM/NOPB 데이터시트(HTML) 36 Page - Texas Instruments

Back Button LP5521TM/NOPB Datasheet HTML 32Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 33Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 34Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 35Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 36Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 37Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 38Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 39Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
LP5521
MCU
COUT
1 µF
CIN
1 µF
0.47 µF
CFLY1
CFLY2
SCL
SDA
CLK_32K
INT
ADDR_SEL0
ADDR_SEL1
TRIG
EN
VDD
GNDs
R
G
B
VOUT
CFLY1P
CFLY1N
CFLY2P
CFLY2N
RGB LED 0...25.5 mA/LED
GPO
0.47 µF
Copyright © 2016, Texas Instruments Incorporated
36
LP5521
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5521 is designed as a autonomous lighting controller for mobile devices. These devices need extremely
small form factor; therefore, the LP5521 is designed to require only 4 small capacitors: input, output, and two fly-
capacitors for charge pump. If charge pump is not needed in the application (input voltage is high enough for
driving LEDs), the charge pump capacitors can be omitted thus reducing the solution size even further. LED can
be RGB LED or any color if desired.
8.2 Typical Applications
Application with Charge Pump shows an example of typical application which uses charge pump to get high
enough voltage to drive LEDs. The device is powered from single Li-Ion battery with voltage range of 2.7 V to 4.2
V.
8.2.1 Application with Charge Pump
Figure 26. LP5521 Typical Application Schematic With Charge Pump
8.2.1.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 4.2 V (single Li-Ion cell battery)
LED VF (maximum)
3.6 V
LED current
25.5 mA maximum
Input capacitor
CIN = 1 μF
Output capacitor
COUT = 1 μF
Fly capacitors
CFLY1 = CFLY2 = 470 nF
Charge pump mode
Automatic or 1.5×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com