전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP5521TM/NOPB 데이터시트(PDF) 37 Page - Texas Instruments

부품명 LP5521TM/NOPB
상세설명  LP5521 Three-Channel RGB, White-LED Driver With Internal Program Memory and Integrated Charge Pump
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LP5521TM/NOPB 데이터시트(HTML) 37 Page - Texas Instruments

Back Button LP5521TM/NOPB Datasheet HTML 33Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 34Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 35Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 36Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 37Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 38Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 39Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 40Page - Texas Instruments LP5521TM/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
37
LP5521
www.ti.com
SNVS441I – JANUARY 2007 – REVISED NOVEMBER 2016
Product Folder Links: LP5521
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Capacitor Selection
The LP5521 requires 4 external capacitors for proper operation (CIN = COUT = 1 μF, CFLY1 = CFLY2 = 470 nF).
Surface-mount multi-layer ceramic capacitors are recommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR < 20 m
Ω typical). Tantalum capacitors, OS-CON capacitors,
and aluminum electrolytic capacitors are not recommended for use with the LP5521 due to their high ESR, as
compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LP5521. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over –55°C to 125°C; X5R: ±15% over –55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LP5521.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, –20%) and
vary significantly over temperature (Y5V: +22%, –82% over –30°C to +85°C range; Z5U: +22%, –56% over
+10°C to +85°C range). Under some conditions, a nominal 1-μF Y5V or Z5U capacitor could have a capacitance
of only 0.1 μF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LP5521.
The minimum voltage rating acceptable for all capacitors is 6.3 V. The recommended voltage rating of the output
capacitor is 10 V to account for DC bias capacitance losses.
NOTE
Some ceramic capacitors, especially those in small packages, exhibit a strong capacitance
reduction with the increased applied voltage (DC bias effect). The capacitance value can
fall below half of the nominal capacitance. Choose output and input capacitor with DC bias
voltage effect better than –50% at 5 V voltage (0.5 μF at 5 V).
Table 36. External Component Examples
MODEL
TYPE
VENDOR
VOLTAGE RATING
SIZE INCH (mm)
1 μF for COUT and CIN
C1005X5R1A105K
Ceramic X5R
TDK
10 V
0402 (1005)
ECJ0EB1A105M
Ceramic X5R
Panasonic
10 V
0402 (1005)
ECJUVBPA105M
Ceramic X5R, array of two
Panasonic
10 V
0504
470 nF for CFLY1-2
C1005X5R1A474K
Ceramic X5R
TDK
10 V
0402 (1005)
ECJ0EB0J474K
Ceramic X5R
Panasonic
10 V
0402 (1005)
LEDs
User Defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com