| 전자부품 데이터시트 검색엔진 |
|
STM32L452VCU6P 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6P 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 210 page ![]() Pinouts and pin description STM32L452xx 62/210 DocID029968 Rev 3 -D6 10 10 F2 17 J3 PC2 I/O FT_a - LPTIM1_IN2, SPI2_MISO, DFSDM1_CKOUT, EVENTOUT ADC1_IN3 -E7 11 11 G1 18 K2 PC3 I/O FT_a - LPTIM1_ETR, SPI2_MOSI, SAI1_SD_A, LPTIM2_ETR, EVENTOUT ADC1_IN4 - - - - - 19 J1 VSSA S - - - - - - - - - 20 K1 VREF- S - - - - 8G8 12 12 F1 - - VSSA/ VREF- S- - - - - - - - - 21 L1 VREF+ S - - - VREFBUF_OUT --- -- 22 M1 VDDA S - - - - 9F7 13 13 H1 - - VDDA/ VREF+ S- - - - 10 H8 14 14 G2 23 L2 PA0 I/O FT_a - TIM2_CH1, USART2_CTS, UART4_TX, COMP1_OUT, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_VINP, COMP1_INM, ADC1_IN5, RTC_TAMP2/WKUP1 11 E6 15 15 H2 24 M2 PA1 I/O FT_a (3) TIM2_CH2, I2C1_SMBA, SPI1_SCK, USART2_RTS_DE, UART4_RX, TIM15_CH1N, EVENTOUT OPAMP1_VINM, COMP1_INP, ADC1_IN6 12 G7 16 16 F3 25 K3 PA2 I/O FT_a - TIM2_CH3, USART2_TX, LPUART1_TX, QUADSPI_BK1_NCS, COMP2_OUT, TIM15_CH1, EVENTOUT COMP2_INM, ADC1_IN7, WKUP4/LSCO 13 F6 17 17 G3 26 L3 PA3 I/O TT_a - TIM2_CH4, USART2_RX, LPUART1_RX, QUADSPI_CLK, SAI1_MCLK_A, TIM15_CH2, EVENTOUT OPAMP1_VOUT, COMP2_INP, ADC1_IN8 - - 18 18 C2 27 E3 VSS S - - - - - H719 19D2 28 H3 VDD S - - - - Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |