| 전자부품 데이터시트 검색엔진 |
|
STM32L452VCU6P 데이터시트(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCU6P 데이터시트(HTML) 67 Page - STMicroelectronics |
|
67 / 210 page ![]() DocID029968 Rev 3 67/210 STM32L452xx Pinouts and pin description 85 -F3 39 39 E8 65 E10 PC8 I/O FT - TIM3_CH3, TSC_G4_IO3, SDMMC1_D0, EVENTOUT - -E2 40 40 D8 66 D12 PC9 I/O FT - TIM3_CH4, TSC_G4_IO4, USB_NOE, SDMMC1_D1, EVENTOUT - 29 E3 41 41 D7 67 D11 PA8 I/O FT - MCO, TIM1_CH1, DFSDM1_CKIN1, USART1_CK, SAI1_SCK_A, LPTIM2_OUT, EVENTOUT - 30 D1 42 42 C7 68 D10 PA9 I/O FT_f - TIM1_CH2, I2C1_SCL, DFSDM1_DATIN1, USART1_TX, SAI1_FS_A, TIM15_BKIN, EVENTOUT - 31 C1 43 43 C6 69 C12 PA10 I/O FT_f - TIM1_CH3, I2C1_SDA, USART1_RX, USB_CRS_SYNC, SAI1_SD_A, EVENTOUT - 32 D2 44 44 C8 70 B12 PA11 I/O FT_u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, COMP1_OUT, USART1_CTS, CAN1_RX, USB_DM, TIM1_BKIN2_COMP1, EVENTOUT - 33 D3 45 45 B8 71 A12 PA12 I/O FT_u - TIM1_ETR, SPI1_MOSI, USART1_RTS_DE, CAN1_TX, USB_DP, EVENTOUT - 34 C2 46 46 A8 72 A11 PA13 (JTMS/ SWDIO) I/O FT (4) JTMS/SWDAT, IR_OUT, USB_NOE, SAI1_SD_B, EVENTOUT - 35 B1 47 47 D5 - - VSS S - - - - 36 A1 48 48 E5 73 C11 VDDUSB S - - - - --- -- 74 F11 VSS S - - - - Table 16. STM32L452xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |