전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3949 데이터시트(PDF) 1 Page - Adafruit Industries

부품명 3949
상세설명  16mm Height Metal Caster Bearing Wheel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADAFRUIT [Adafruit Industries]
홈페이지  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3949 데이터시트(HTML) 1 Page - Adafruit Industries

  3949 Datasheet HTML 1Page - Adafruit Industries 3949 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
 
 
16mm Height Metal Caster Bearing Wheel
PRODUCT ID: 3949
Get your 'bot rolling with this durable and smooth steel ball caster. We like the
size (not too big, not too small) and surprisingly fluid motion of this caster. It's
also really easy to attach, with two screw mounts that will allow you to attach it
to any chassis material. Note that it doesn't come with any mounting hardware,
use 4-40 or M3 screws to attach to whatever you like.
Matches with our purple metal chassis, but can be used for anything where you
want 16mm of height.
We also have a larger ball caster, with 20mm height, for bigger bots!


유사한 부품 번호 - 3949

제조업체부품명데이터시트상세설명
logo
ERNI Electronics
394905 ERNI-394905 Datasheet
24Kb / 1P
Mutter M10x1
More results

유사한 설명 - 3949

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163 Datasheet
278Kb / 6P
16mm Size Metal Shaft Type
logo
Bud Industries, Inc.
RC-4835-PR BUD-RC-4835-PR Datasheet
25Kb / 1P
SWIVEL CASTER
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
16mm Size Metal Shaft DP Rotary Potentiometers
logo
Bud Industries, Inc.
RC-7761-PR BUD-RC-7761-PR Datasheet
54Kb / 1P
SWIVEL CASTER WITH BRAKE
RC-7764-PR BUD-RC-7764-PR Datasheet
31Kb / 1P
CASTER
logo
List of Unclassifed Man...
MG996R ETC2-MG996R Datasheet
104Kb / 2P
High Torque Metal Gear Dual Ball Bearing Servo
MG90S ETC2-MG90S Datasheet
149Kb / 2P
MG90S servo, Metal gear with one bearing
logo
SparkFun Electronics
ROB-00320 SPARKFUN-ROB-00320 Datasheet
103Kb / 1P
Ball Caster Omni-Directional Metal
1/18/2016
ROB-08909 SPARKFUN-ROB-08909 Datasheet
93Kb / 1P
Ball Caster Metal - 3/8
2/15/2016
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com