전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3949 데이터시트(PDF) 2 Page - Adafruit Industries

부품명 3949
상세설명  16mm Height Metal Caster Bearing Wheel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADAFRUIT [Adafruit Industries]
홈페이지  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3949 데이터시트(HTML) 2 Page - Adafruit Industries

  3949 Datasheet HTML 1Page - Adafruit Industries 3949 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
TECHNICAL DETAILS
Wheel Diameter: 12mm
Overall Height: 16mm
Fixed Hole Diameter (below bearing wheel): 4mm
Mounting Hole Diameter: 4mm
Mounting Hole Distance: approx 10.5mm
Overall Weight: 8g
 
 
                                          https://www.adafruit.com/product/3948 10‐23‐18 



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com