전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

863028BLF 데이터시트(PDF) 17 Page - Amphenol Communications Solutions

부품명 863028BLF
상세설명  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOLCS [Amphenol Communications Solutions]
홈페이지  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

863028BLF 데이터시트(HTML) 17 Page - Amphenol Communications Solutions

Back Button 863028BLF Datasheet HTML 13Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 14Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 15Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 16Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 17Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 18Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 19Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 20Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 21Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
METALIZED HOODS
19• STRAIGHT EXIT METALIZED HOOD WITH SHORT SCREWS
TECHNICAL INFORMATION
• Material: UL recognised Plastic Material
• Plating: Nickel over Copper
• Operating Temperature: -40°C to +120°C
• Cable Entry: Top
• Thumbscrews: UNC 4-40 (Short)
• Cable O.D: 9-way Up to 7.0mm
15-way Up to 10.0mm
25-way Up to 11.0mm
37-way Up to 13.8mm
50-way Up to 14.0mm
FEATURES
• Available in sizes 9-15-25-37-50
• Re-openable
• Short Jackscrews
Size
Dim A Dim B Dim C
9-way
31.0
16.0
40.4
15-way
39.7
17.5
36.7
25-way
54.6
16.8
44.5
37-way
69.0
23.9
53.0
50-way 69.5
19.8
44.7
Description
Size
Part Numbers
METALIZED HOOD 09
9-way
8655BZET1B10KLF
METALIZED HOOD 15
15-way
8655BZAT1B10KLF
METALIZED HOOD 25
25-way
8655BZBT1B10KLF
METALIZED HOOD 37
37-way
8655BZCT1B10KLF
METALIZED HOOD 50
50-way
8655BZDT1B10KLF
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com