전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

863028BLF 데이터시트(PDF) 11 Page - Amphenol Communications Solutions

부품명 863028BLF
상세설명  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOLCS [Amphenol Communications Solutions]
홈페이지  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

863028BLF 데이터시트(HTML) 11 Page - Amphenol Communications Solutions

Back Button 863028BLF Datasheet HTML 7Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 8Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 9Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 10Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 11Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 12Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 13Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 14Page - Amphenol Communications Solutions 863028BLF Datasheet HTML 15Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
ORDERING INFORMATION
Description
Size
Part Numbers
DSUB METAL HOOD 09
9-way
8655AMET1A11K001LF
DSUB METAL HOOD 15
15-way
8655AMAT1A11K001LF
DSUB METAL HOOD 25
25-way
8655AMBT1A11K001LF
DSUB METAL HOOD 37
37-way
8655AMCT1A11K001LF
Size
Dim A
Dim B
Dim C
9-way
31.0
39.5
15.0
15-way
39.5
41.5
15.0
25-way
53.5
48.5
15.0
37-way
71.0
53.0
15.0
13• STRAIGHT EXIT FULL METAL HOOD WITH DOUBLE CLAMP STRAIN RELIEF
TECHNICAL INFORMATION
• Material: Zinc, Nickel Plated
• Operating Temperature Range: -40°C to +120°C
• Cable Entry: Top entry
• Jack Screws: 55mm, UNC 4-40
M2.5 or M3 on request
• Cable O.D: 9-way: Up to 8.0mm
15-way: Up to 11.6mm
25-way: Up to 11.6mm
37-way: Up to 11.6mm
50-way: Up to 14.0mm
FEATURES
• Available in sizes 9-15-25-37-50
• Excellent EMI Shielding
• Re-openable
• Double strain relief for strong and secure cable clamping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com