전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70524BLF 데이터시트(PDF) 16 Page - Amphenol Communications Solutions

부품명 70524BLF
상세설명  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOLCS [Amphenol Communications Solutions]
홈페이지  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

70524BLF 데이터시트(HTML) 16 Page - Amphenol Communications Solutions

Back Button 70524BLF Datasheet HTML 12Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 13Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 14Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 15Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 16Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 17Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 18Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 19Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 20Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
Size
Dim A Dim B Dim C
9-way
15
32.2
45
15-way
15
40.8
45
25-way 15
54.0
45
Description
Size
Part Numbers
DSUB METAL HOOD 09
9-way
8655HMED1A10KLF
DSUB METAL HOOD 15
15-way
8655HMAD1A10KLF
DSUB METAL HOOD 25
25-way
8655HMBD1A10KLF
18• METAL HOOD WITH CIRCULAR CLAMP AND STRAIGHT EXIT
TECHNICAL INFORMATION
Shell
Size
Part
Numbers
A ± 0.38 B ± 0.38
C ± 0.13
D ref
E ± 0.38 F ref
G ± 0.76
H ± 0.38
L ± 0.80
E
863010A
30.68
12.70
25.00
10.31
16.79
3.18
26.19
8.74
9.53
A
863011A
38.89
12.70
33.30
10.31
25.00
3.18
26.19
8.74
9.53
B
863012A
52.78
12.70
47.04
15.06
38.48
4.75
27.08
8.74
9.53
C
863013A
69.04
12.70
63.50
18.25
55.14
6.35
27.08
8.74
12.70
D
863014A
66.68
15.47
61.12
20.62
53.16
7.93
27.08
11.13
15.88
• Material: Steel
• Plating: Yellow chromate cadmium
• Corrosion Resistance
• 50 hours exposure to salt spray
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com