전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70524BLF 데이터시트(PDF) 20 Page - Amphenol Communications Solutions

부품명 70524BLF
상세설명  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOLCS [Amphenol Communications Solutions]
홈페이지  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

70524BLF 데이터시트(HTML) 20 Page - Amphenol Communications Solutions

Back Button 70524BLF Datasheet HTML 15Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 16Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 17Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 18Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 19Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 20Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 21Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 22Page - Amphenol Communications Solutions 70524BLF Datasheet HTML 23Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
LOCKING DEVICES & OTHER ACCESSORIES
22• FEMALE SCREW LOCKS
Thread
L.Max
F
Material
Part Numbers
M3
8.30
6.90
Brass
863001TLF
M3
8.30
6.90
Steel
86552153TLF
M3
6.30
5.00
Brass
863001017TLF
M3
13.00
12.00
Brass
863001061TLF
UNC 4-40
8.30
6.90
Brass
863001060TLF
• Plating: Bright tin
• Corrosion Resistance: 24 hours exposure to salt spray
23• SPECIFIC FEMALE SCREW LOCKS FOR DELTA D SERIES
Thread
L.Max
F
Material
Part Numbers
M3
4.5
3.7
Steel
863001018TLF
UNC 4-40
4.5
3.7
Steel
863001019TLF
Material
Torque Max. (Nm)
Brass
0.5
Steel
0.7
24• MALE SCREW LOCKS
Shell
Size
Connector
Type
Part Numbers
For use with connector
without hood or with
hood 2
For use with connector
with hoods 18
For use with connector
with hoods 6
E
Male
863005ATLF
863004ATLF
863009ATLF
Female
A
Male
Female
B
Male
Female
C
Male
863008ATLF
Female
863005ATLF
D
Male
863015ATLF
863002ATLF
863025ATLF
Female
863003ATLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23